Part Number Hot Search : 
CY7C15 1N747A MDT10C61 A5801089 25PPC405 1N4131 4ABT7 4ABT7
Product Description
Full Text Search
 

To Download C-562X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C/A-562X, C/A-562X-10 DUAL DIGITS DISPLAY
Shape Part No. Common Common Cathode Anode Chip Raw Material Emitted Color Wave Length p(nm) Electro-Optical Characteristics Vf(V)20mA Iv(ucd)10mA Typ. Max. Typ. Fig. No.
C-562H C-562E C-562G C-562Y C-562SR C-562H-10 C-562E-10 C-562G-10 C-562Y-10 C-562SR-10
A-562H A-562E A-562G A-562Y A-562SR A-562H-10 A-562E-10 A-562G-10 A-562Y-10 A-562SR-10
GaP GaAsP/GaP GaP GaAsP/GaP GaAlAs GaP GaAsP/GaP GaP GaAsP/GaP GaAlAs
Red Hi.effi Red Green Yellow Super Red Red Hi.effi Red Green Yellow Super Red
700 635 565 585 660 700 635 565 585 660
2.1 2.0 2.1 2.1 1.8 2.1 2.0 2.1 2.1 1.8
2.8 2.8 2.8 2.8 2.4 2.8 2.8 2.8 2.8 2.4
650 2000 2000 1600 21000 650 2000 2000 1600 21000
D33
D34
Fig.D33
Fig.D34
1.All dimension are in millimeters (inches). 2.Tolerance is 0.25 mm (0.01") unless otherwise specified.


▲Up To Search▲   

 
Price & Availability of C-562X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X